PART |
Description |
Maker |
LT1039-16 LT1039CSW LT1039CSW16 LT1039MJ LT1039MJ1 |
From old datasheet system RS232 Driver/Receiver with Shutdown Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C
|
LINER[Linear Technology] Linear Technology Corporation
|
LT1180A LT1180AC LT1180ACN LT1180ACSW LT1180AI LT1 |
Low Power 5V RS232 Dual Driver/Receiver with 0.1uF Capacitors Low Power 5V RS232 Dual Driver/Receiver with 0.1F Capacitors From old datasheet system
|
LINER[Linear Technology]
|
LT1780CSWPBF LT1781CSPBF LT1781CNPBF LT1780CNPBF |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C LINE TRANSCEIVER, PDSO18 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C LINE TRANSCEIVER, PDSO16 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C LINE TRANSCEIVER, PDIP16 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C LINE TRANSCEIVER, PDIP18
|
Linear Technology, Corp.
|
EVM649EVM E649BPJ EDGE649 E649 |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?碌F Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?掳C to 85?掳C Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C Octal Pin Electronics Driver/Receiver
|
SEMTECH[Semtech Corporation]
|
LT1081-15 LT1080-15 |
Advanced Low Power 5V RS232 Dual Driver/Receiver
|
Linear Technology
|
NJU6401 NJU6401B NJU6401BD NJU6401BM |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C RS232C LINE DRIVER/RECEIVER
|
New Japan Radio Co., Ltd. NJRC[New Japan Radio]
|
LT1780 LT1781 LT1780CSWTRPBF |
Single Supply RS232C Line Driver/Receiver(?????μ?o?RS232C ?o?????????¨???2???2??????) Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C DUAL LINE TRANSCEIVER, PDSO18
|
Linear Technology Corporation Linear Technology, Corp.
|
P6KE180 P6KE6.8A P6KE13A P6KE350 P6KE43 |
Wireless 27MHz Dual receiver 28-TSSOP -40 to 85 TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR 技术规格瞬态电压抑制器 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 电可擦除可编程逻辑器件
|
DC Components Co., Ltd.
|
SP385E SP385ECA SP385ECT SP385EEA SP385EET |
Enhanced 3V or 5V RS-232 Line Driver/Receiver Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C
|
SIPEX[Sipex Corporation]
|
HCF4070 HCF4070B HCF4070BC1 HCF4070BEY HCF4070BF H |
300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit GATES 盖茨 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics SGS Thomson Microelectronics
|
NDL7660P NDL7660PC |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 1310 nm OPTICAL CATV/ANALOG APPLICATIONS InGaAsP MQW-DFB LASER DIODE MODULE
|
NEC Corp.
|